PART |
Description |
Maker |
BU4SU69 |
Standard Logic LSIs > CMOS logic BU4S Series Single inverter
|
Rohm CO.,LTD.
|
BU4011B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4538B |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM Philips Semiconductors
|
BU4053BC/BCF/BCFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4S66 A5800658 |
Standard Logic LSIs > CMOS logic BU4S Series From old datasheet system Single Analog Switch(单模拟开
|
Rohm CO.,LTD.
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
HD74LV2GT08A HD74LV2GT08AUSE |
Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A Dual 2-input AND Gates / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
AS7C513B AS7C513B-20TI AS7C513B-10JC AS7C513B-10JI |
High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-PDIP -55 to 125 32K X 16 STANDARD SRAM, 10 ns, PDSO44 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 32K X 16 STANDARD SRAM, 10 ns, PDSO44 5V 32K x 16 CMOS SRAM 32K X 16 STANDARD SRAM, 20 ns, PDSO44 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 32K X 16 STANDARD SRAM, 12 ns, PDSO44 High Speed CMOS Logic Dual 2-to-4 Line Decoders/Demultiplexers 16-PDIP -55 to 125 SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C4096A AS7C4096A-20TIN AS7C4096A-10JC AS7C4096A |
SRAM - 5V Fast Asynchronous 5.0V 512K x 8 CMOS SRAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-PDIP -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-SOIC -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
HD74LV2GT240A HD74LV2GT240AUSE |
Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A Dual Bus Buffer Inverted with 3-state Output / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|